Part Number Hot Search : 
11600 F1003 32MHD EN2006 H224K MC3479 540GTG 1009I
Product Description
Full Text Search
 

To Download RJ3-61FND2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RJ45 10/100 BASE-T JACK WITH MAGNETIC MODULES
FEATURES
* Magnetic designs to support every PHY. * Meet or exceed IEEE 802.3 and ANSI X3.263 standards. * including 350uH min OCL with 8mA bias. * Minimum 1500Vrms isolation per IEEE 802.3 requirement * Designed for 100 base transmission over UTP-5 cable. * Size same as RJ-45 modular jack to save PCB board Space.
ELECTRICAL SPECIFICATIONS
Part Number
TX
@25-Operating temperature 0 TO 70
Insertion Loss (dB max) Return Loss (dB min @10015)
1- 30 MHz -18 -18 -18 -18 -18 -18 -18 -18 -18 -18 -18 -18 -18 -18 -18 -18 -18 -18 -18 -18 -18 -18 -18 -18 -18 -18 40 MHz -16 -16 -16 -16 -16 -16 -16 -16 -16 -16 -16 -16 -16 -16 -16 -16 -16 -16 -16 -16 -16 -16 -16 -16 -16 -16 50 MHz -14 -14 -14 -12 -12 -12 -12 -12 -12 -12 -12 -12 -12 -12 -12 -12 -12 -12 -12 -12 -12 -12 -12 -12 -12 -12 60-80 MHz -12 -12 -12 -10 -10 -10 -10 -10 -10 -10 -10 -10 -10 -10 -10 -10 -10 -10 -10 -10 -10 -10 -10 -10 -10 -10
Turns Ratio 5%
RX
EMI Fingers
Crosstalk (dB min)
LED (L/R)
0.3-100 MHz
Common Mode Rejection (dB min)
100 MHz -35 -35 -35 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 30 MHz -35 -35 -35 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 60 MHz -30 -30 -30 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 100 MHz -25 -25 -25 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20
Hipot (Vrms)
30 MHz -45 -45 -45 -40 -40 -40 -40 -40 -40 -40 -40 -40 -40 -40 -40 -40 -40 -40 -40 -40 -40 -40 -40 -40 -40 -40
60 MHz -40 -40 -40 -35 -35 -35 -35 -35 -35 -35 -35 -35 -35 -35 -35 -35 -35 -35 -35 -35 -35 -35 -35 -35 -35 -35
RJ3-60X RJ3-61X RJ3-62X RJ3-69GYDNW2 RJ3-69ND2 RJ3-69GYD2 RJ3-64NW2 RJ3-64GYDNW2 RJ3-64ND2 RJ3-64GYD2 RJ3-64GGD2 RJ3-61ND2 RJ3-64AND2 RJ3-64AGGD2 RJ3-62ANW2 RJ3-62AGYDNW2 RJ3-62AGGDNW2 RJ3-62AND2 RJ3-62AGYD2 RJ3-62AGGD2 RJ3-62ADGD2 RJ3-62CGYD2 RJ3-60CND2 RJ3-60VGYD2 RJ3-61FND2 RJ3-66YGDNW2
1CT:1CT 1CT:1CT 1CT:1 1CT:1 1CT:1 1CT:1 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1.414CT 1CT:1.414CT 1CT:1 1CT:1 1CT:1 1CT:1 1CT:1 1CT:1 1CT:1 1CT:1 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT
1CT:1CT 1CT:1CT 1CT:1CT 1CT:1 1CT:1 1CT:1 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT
YES YES YES NO YES YES NO NO YES YES YES YES YES YES NO NO NO YES YES YES YES YES YES YES YES NO
N/A N/A N/A G/Y N/A G/Y N/A G/Y N/A G/Y G/G N/A N/A G/G N/A G/Y G/G N/A G/Y G/G YG/G G/Y N/A G/Y N/A Y/G
-1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1
1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500
PART NUMBER: RJ3 - 6XX A B
GYD C
NW D
2 E
A: SERIES B: SCHEMATICS C: LED D: MECHANICAL E: GOLD PLATING(1=3u, 2=6u, 3=15u, 4=30u, 5=50u)
20381 BARENTS SEA CIRCLE, LAKE FOREST CA 92630. TEL: 949-452-0511. FAX: 949-452-0512.
www.premiermag.com
Page 1
RJ45 10/100 BASE-T JACK WITH MAGNETIC MODULES
Mechanicals and Dimensions
led pin are parallel
Single Small Module
15.10 3.300.30 17.60 1 8
11.50
2.54 7.50 8.89
2 1 7 8
8.890.20
2.54
O 0.9
O 3.2
8.89
PC Board Layout Component Side Shown
Back View
led pin are oblique
UNIT : mm all tolerances are 0.25
MATERIALS
1.Housing Material:
MATERIAL:NYLON +25% GF (Fr50) UL94V-0 STANDARD COLOR:BLACK
LED Configuration
1 2
2.Insert Material:
MATERIAL:Phos-Bronze C5210 EH---0.35mm Thickness Insert -PBT+30% GF UL94V-0 1.PLATING(1) NICKEL 2.PLATING(2) 100%Sn 3.PLATING(3) GOLD FLASH (3u50u)
3
4
3.Plate Material:PBT-4830 +30% GF UL 94V-0 4.Contact pin Material:
MATERIAL: Phos-Bronze C5210 EH---0.35mm Thickness 1.PLATING(1) NICKEL 2.PLATING(2) 100%Sn
5.Shielding Material:
BRASS C2680 H.---0.25mm THICKNESS PLATING NICKEL
5
6
6.Operation Life : 750 Cycles Min. 7. Mates with Modular Plug Conforming to FCC part 68, sub part F.
V in= 2.1Vdc TYP. 20381 BARENTS SEA CIRCLE, LAKE FOREST CA 92630. TEL: 949-452-0511. FAX: 949-452-0512.
2.5 Vdc MAX. Page 2
www.premiermag.com
RJ45 10/100 BASE-T JACK WITH MAGNETIC MODULES
SCHEMATICS
60 60A 60C
60F
60H
60I
60J
60K
60V
20381 BARENTS SEA CIRCLE, LAKE FOREST CA 92630. TEL: 949-452-0511. FAX: 949-452-0512.
www.premiermag.com
Page 3
RJ45 10/100 BASE-T JACK WITH MAGNETIC MODULES
61
61A
61H
61J
62
62A
62C
62F
62G
20381 BARENTS SEA CIRCLE, LAKE FOREST CA 92630. TEL: 949-452-0511. FAX: 949-452-0512.
www.premiermag.com
Page 4
RJ45 10/100 BASE-T JACK WITH MAGNETIC MODULES
62H
62I
62J
62K
62L
62M
62N
62P
62Q
20381 BARENTS SEA CIRCLE, LAKE FOREST CA 92630. TEL: 949-452-0511. FAX: 949-452-0512.
www.premiermag.com
Page 5
RJ45 10/100 BASE-T JACK WITH MAGNETIC MODULES
62T
-62U
62W
62X
62Z
63A
63B
63C
63F
20381 BARENTS SEA CIRCLE, LAKE FOREST CA 92630. TEL: 949-452-0511. FAX: 949-452-0512.
www.premiermag.com
Page 6
RJ45 10/100 BASE-T JACK WITH MAGNETIC MODULES
63H
63I
63J
63K
63L
63M
64
64A
64B
20381 BARENTS SEA CIRCLE, LAKE FOREST CA 92630. TEL: 949-452-0511. FAX: 949-452-0512.
www.premiermag.com
Page 7
RJ45 10/100 BASE-T JACK WITH MAGNETIC MODULES
64J
64K
65
66
66A
66B
67A
TD + 1 CT 4 TD - 2 RD + 3 CT 5 RD - 6
PCB SIDE
7 9 10
67B
TX
69
1 TX + 2 TX -
RX
3 RX + 6 RX -
75 1000pF/2KV 75 1000pF/2KV
5 7 8
20381 BARENTS SEA CIRCLE, LAKE FOREST CA 92630. TEL: 949-452-0511. FAX: 949-452-0512.
CABLE SIDE
4
www.premiermag.com
Page 8


▲Up To Search▲   

 
Price & Availability of RJ3-61FND2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X